Part Number Hot Search : 
DTC11 SC536 01130 1N6379 DP8303 223988 4N60C 300N0
Product Description
Full Text Search
 

To Download BLED20W-015-C1330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bled-25w series budget series switch mode led drivers constant current with isolation black magic thermal advantage? plastic housing class 2: us/canada us only electrical specifcations input voltage range: 100-277 vac nom. (90-305 v min/max) frequency: 50/60 hz nom. (47-63 hz min/max) power factor: >0.90 @ full load, 120v; >0.80 @ full load, 277v inrush current: <25 a max @ 230 vac, cold start 25oc input current: 0.27 a max @ 120 vac; 0.14 a max @ 230 vac maximum power: 25w line regulation: 4% load regulation: 5% thd: <_ 20% @ full load leakage current: 300 a typical hold up time: half cycle start-up time: < 1.0 s output protection: over-voltage, over-current, short circuit (auto-recovery) environmental specifcations minimum starting temp: -30oc storage temperature: -40oc to +85oc maximum case temp. 90c humidity: 5% to 95% cooling: convection sound rating: class a vibration frequency: 5 to 55 hz/2g, 30 minutes mtbf: 580,000 hours @ full load, 40oc per mil-217f notice 2 impact resistance: 1g/s weight: 4.5 oz (128 g) constant current - product specifcations model number output current (ma 5%) output voltage range (vdc) max. output power (w) typical effciency bled25w-200-c0120 120 120-200 25 89 bled25w-150-c0160 160 90-150 25 89 bled25w-100-c0250 250 60-100 25 89 bled25w-072-c0350 350 43-72 25 88 bled25w-062-c0400 400 37-62 25 88 bled25w-056-c0450 450 34-56 25 88 bled25w-048-c0520 520 29-48 25 87 bled25w-043-c0580 580 26-43 25 87 bled25w-036-c0700 700 21-36 25 86 bled25w-028-c0850 850 17-28 25 86 bled25w-024-c1040 1040 14-24 25 85 bled25w-020-c1250 1250 13-20 25 84 bled25w-012-c2100 2100 7-12 25 83 e332160 rev 8-12-15 ? smaller footprint than our standard drivers ? total power: 25 watts ? input voltage: 100-277 vac ? indoor applications, ip64 ? ul dry or damp location rated ? 2 year warranty specifcations subject to change without notice. note: led drivers are designed and intended to operate led loads only. non-led loading may be outside the specifed design limits of our led drivers, and therefore cannot be covered by any warranty. if you desire to use our led drivers to operate non-led loads please contact us to discuss compatibility. thomas research products ? 1215 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com
pg 2 of 2 dimensions - inches (mm) 60% load pf power factor / load 0.00 0.10 0.40 0.30 0.20 0.50 0.80 0.70 0.60 0.90 1.00 70% 80% 90% 100% 60% load thd thd / load 0% 6% 4% 2% 10% 8% 12% 14% 16% 18% 20% 22% 70% 80% 90% 100% 1 20v a c 2 77v a c 1 20v a c 2 77v a c typical efficiency / load 75% 70% 80% 85% 90% 100% 95% normalized output voltage efficiency 60% 70% 80% 90% 100% 1 20v a c 2 77v a c safety and emc compliance ul/cul ul8750, csa-c22.2 c e en61347 fcc, 47cfr part 15 class b en61000-3-2 en61000-3-3 class c 4 1.44 [ 36.5 ] 1.67 [ 42.5 ] 0.14 [ 3.5 ] 0.51 [ 13 ] 0.65 [ 16.5 ] 0.14 [ 3.5 ] 0.94 [ 24 ] 3.44 [ 87.5 ] 0.7 [ 18 ] hot spot 5.91 min [ 150 min ] 5.91 min [ 150 min ] 0.390.04 [ 10.01 ] 0.390.04 [ 10.01 ] ac input white (n) black (l) dc output red (+) blue (-) wire specs: input leads: 18 awg, rated 600 v, 105c, min. output leads: 18 awg, rated 300 v, 105c, min. all wires are stranded with solder dipped ends. 40 45 case hotspot temperature (c) lifetime (khrs) lifetime / case temperature 0 60 90 105 120 75 15 30 45 135 50 55 60 65 70 75 80 85 90 bled25w series ul conditions of acceptability see website for additional information note: life calculations are based on reliability with confdence using a 90% confdence level and <5% failure rate. at a confdence level of 90% it is expected that <5% of the parts will fail at the rated life provided. (failure is defned as a driver drifting outside specifcation, rather than fail to operate) disconnect power to led driver for at least 30 seconds before connecting or disconnecting driver output and led engine. this prevents potential arcing transients that can damage the engine and driver. see hot plugging in our driver application guide for more information. thomas research products ? 1215 bowes rd ? elgin, il 60123 ? t 847-515-3057 ? f 847-515-3047 ? www.trpssl.com ssl solutions faster than the speed of light ?


▲Up To Search▲   

 
Price & Availability of BLED20W-015-C1330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X